Part Number Hot Search : 
P1200 AVD05P UCR16CM TPC6110 2SA1978 C06CM1 Z1180 JS5208
Product Description
Full Text Search
 

To Download GL480E00000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GL480E00000F
GL480E00000F
Infrared Emitting Diode
Features
1. Side view emission type 2. Plastic mold with resin lens 3. Medium directivity angle (: 13 TYP.) Peak emission wavelength: 950 nm TYP. 4. Radiant flux e: 0.7 mW MIN. 5. Lead free and RoHS directive component
Agency Approvals/Compliance
1. Compliant with RoHS directive (2002/95/EC) 2. Content information about the six substances specified in "Management Methods for Control of Pollution Caused by Electronic Information Products Regulation" (popular name: China RoHS) (Chinese: ); refer to page 7
Applications
1. 2. 3. 4. 5. 6. 7. Office automation equipment Audio visual equipment Home appliances Telecommunication equipment Measuring equipment Tooling machines Computers
Notice The content of data sheet is subject to change without prior notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
Sheet No.: D1-A01101EN Date: March 30, 2007 (c)SHARP Corporation
GL480E00000F Outline Dimensions
GL480E00000F/GL480QE0000F 1.15 0.2 2 - C0.5 3.0 0.2 0.75 0.2 0.5 MAX. 1.5 0.2 Pink transparent epoxy resin (GL480E00000F) Transparent expoxy resin (GL480QE0000F) 4.0 0.2 1.0 MAX.
0.15 0.2 60
R0.8 0.1
(1.7)
2 - 0.45 -0.1
+0.3
17.5 -1.0
+1.5
Pin Arrangement 2 No. 1 0.5 MIN. 1 2 Name Cathode Anode
(2.54) 1.6 0.2
2 - 0.4 -0.1
+0.3
2.95 0.2
2.15 0.2
1 NOTES: 1. Units: mm 2. ( ): Reference dimensions
2.8 0.2
2
Sheet No.: D1-A01101EN
2
GL480E00000F Absolute Maximum Ratings
Parameter Forward current Peak forward current *1 Reverse voltage Power dissipation Operating temperature Storage temperature Soldering temperature *2 Symbol IF IFM VR P Topr Tstg Tsol 50 1 6 75 -25 to +85 -40 to +85 260
(Ta = 25C)
Rating
Unit mA A V mW C C C
ratio: 0.01 *1 Pulse width: 100 s, Duty mm from the resin edge. See Figure 11. *2 5 s (MAX.) positioned 1.4
Electro-optical Charactertistics
Parameter Forward voltage Peak forward voltage Reverse current Radiant flux Peak emission wavelength Half intensity wavelength Terminal capacitance Response frequency Angle of half intensity Symbol VF VFM IR e p Ct fC Conditions IF = 20 mA IFM = 0.5 A VR = 3 V IF = 20 mA IF = 5 mA IF = 5 mA VR = 0, f = 1 MHz - IF = 20 mA MIN. - - - 0.7 - - - - - TYP. 1.2 3.0 - - 950 45 50 300 13 MAX. 1.4 4.0 10 3.0 - - - - - Unit V V A mW nm nm pF kHz degrees
Fig. 1 Forward Current vs. Ambient Temperature
60
Fig. 2 Peak Forward Current vs. Duty Ratio
10,000 5,000 Peak forward current IFM (mA) 2,000 1,000 500 200 100 50 20 10 10-3 2 5 10-2 2 5 10-1 2 5 1 Pulse width 100 s Ta = 25C
50 Forward current IF (mA)
40
30
20
10
0 -25
0
25
50
75 85
100
Duty ratio
Ambient temperature Ta (C)
Sheet No.: D1-A01101EN
3
GL480E00000F
Fig. 3 Spectral Distribution
100 IF = 5 mA Ta = 25C 80 Relative radiant intensity (%)
Fig. 5 Forward Current vs. Forward Voltage
500
Ta = 75C
200 Forward current IF (mA) 100 50 20 10 5 2 1
50C
25C 0C -20C
60
40
20
0 880 900 920 940 960 980 1,000 1,020 1,040 Wavelength (mm)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Forward voltage VF (V)
Fig. 4 Peak Emission Wavelength vs. Ambient Temperature
1,000 IF = 5 mA
Fig. 6 Relative Radiant Flux vs. Ambient Temperature
20 10 IF = constant
Peak emission wavelength P (nm)
Relative radiant flux
975
5
2 1 0.5
950
925 0.2 0.1 -25 0 25 50 75 100 Ambient temperature Ta (C) Ambient temperature Ta (C)
900 -25
0
25
50
75
100
Sheet No.: D1-A01101EN
4
GL480E00000F
Fig. 7 Radiant Flux vs. Foward Current
10 5 2 Radiant flux e (mW) Pulse (Pulse width 100 s) Ta = 25C
Fig. 9 Relative Collector Current vs. Distance
100 IF = 20 mA Ta = 25C Relative collector current (%)
1 0.5 DC 0.2 0.1 0.05 0.02 0.01 1 10 100 1,000
10
1
Forward current IF (mA)
0.1
0.1
1
10
100
Distance to detector (mm)
Fig. 8 Relative Radiant Intensity vs. Distance
100 Ta = 25C
Fig. 10 Radiation Diagram
-20 -10 0 100 -30 +30 Relative radiant intensity (%) 80 +10 +20 (Ta = 25C)
Relative radiant intensity (%)
10 -40
60
+40
1
-50 -60 -70
40
+50 +60
20 +70 +80 +90 0 Angular displacement
0.1
-80 0.1 1 10 100 -90
Distance to detector (mm)
Sheet No.: D1-A01101EN
5
GL480E00000F Design Considerations
Design Guidelines 1. Allow for natural degradation of the LED as a result of long continuous operation. This part will have 50% degradation in output after 5 years of continuous use. 2. This product is not designed to be electromagnetic- and ionized-particle-radiation resistant.
Manufacturing Guidelines
Cleaning Instructions 1. Confirm this device's resistance to process chemicals before use, as certain process chemicals may affect the optical characteristics. 2. Solvent cleaning: Solvent temperature should be 45C or below. Immersion time should be 3 minutes or less. 3. Ultrasonic cleaning: The effect upon devices varies due to cleaning bath size, ultrasonic power output, cleaning time, PCB size and device mounting circumstances. Sharp recommends testing using actual production conditions to confirm the harmlessness of the ultrasonic cleaning methods. 4. Recommended solvent materials: Ethyl alcohol, Methyl alcohol, and Isopropyl alcohol.
Fig. 11 Soldering Area
1.4 mm
Solderable
Packing Specifications
1. Parts are packed in a vinyl bag, at an average quantity of 1,000 pieces per bag. 2. Bags are secured in a box as shown in illustration on page 8. 3. Product mass: 0.09 g (approx.)
Sheet No.: D1-A01101EN
6
GL480E00000F Presence of ODCs (RoHS Compliance)
This product shall not contain the following materials, and they are not used in the production process for this product: * Regulated substances: CFCs, Halon, Carbon tetrachloride, 1,1,1-Trichloroethane (Methylchloroform). Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all. This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC). * Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated diphenyl ethers (PBDE). * Content information about the six substances specified in "Management Methods for Control of Pollution Caused by Electronic Information Products Regulation" (Chinese: )
Toxic and Hazdardous Substances Category Lead (Pb) mercury (Hg) Cadmium (Cd) Hexavalent chromiun (Cr6+) Polybrominated biphenyls (PBB) Polybrominated diphenyl ethers (PBDE)
Infrared Emitting Diode
NOTE: indicates that the content of the toxic and hazardous substance in all the homogeneous materials of the part is below the concentration limit requirement as described in SJ/T 11363-2006 standard.
Sheet No.: D1-A01101EN
7
GL480E00000F Package Specification
Inner packing
Product (1,000 pieces)
Vinyl bag
NOTES: 1. Inner packing material: Vinyl bag (Polyethylene) 2. Quantity: 1,000 pieces/bag
Outer packing
Cushioning material (2 sheets) Vinyl bag with products (2 bags) Cushioning material (2 sheets)
Packing case
Cellophane tape
NOTES: 1. Outer material : Packing case (Corrugated cardboard), Cushioning material (Urethane), Cellophane tape 2. Quantity: 2,000 pieces/box 3. Regular packaged mass: Approximately 270 g 4. Label: Model No., Quantity, and Lot No.
Model No., Quantity, and Lot No.
Sheet No.: D1-A01101EN
8
GL480E00000F Important Notices
* The circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. * Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. * Observe the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: --- Personal computers --- Office automation equipment --- Telecommunication equipment (terminal) --- Test and measurement equipment --- Industrial control --- Audio visual equipment --- Consumer electronics (ii) Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliabilty such as:
--- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- Traffic signals --- Gas leakage sensor breakers --- Alarm equipment --- Various safety devices, etc. (iii) SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- Space applications --- Telecommunication equipment (trunk lines) --- Nuclear power control equipment --- Medical and other life support equipment (e.g. scuba) * If the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Law of Japan, it is necessary to obtain approval to export such SHARP devices. * This publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. * Contact and consult with a SHARP representative if there are any questions about the contents of this publication.
Sheet No.: D1-A01101EN
9


▲Up To Search▲   

 
Price & Availability of GL480E00000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X